データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

L9396 データシート(PDF) 78 Page - STMicroelectronics

部品番号 L9396
部品情報  Automotive multiple power supply IC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9396 データシート(HTML) 78 Page - STMicroelectronics

Back Button L9396 Datasheet HTML 74Page - STMicroelectronics L9396 Datasheet HTML 75Page - STMicroelectronics L9396 Datasheet HTML 76Page - STMicroelectronics L9396 Datasheet HTML 77Page - STMicroelectronics L9396 Datasheet HTML 78Page - STMicroelectronics L9396 Datasheet HTML 79Page - STMicroelectronics L9396 Datasheet HTML 80Page - STMicroelectronics L9396 Datasheet HTML 81Page - STMicroelectronics L9396 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 109 page
background image
System functional safety implementations
L9396
78/109
DS12539 Rev 6
WD Seed
Note:
WD Seed and WD Answer will be into the same SPI register. When a Read operation will be
performed a new seed will be sent and the read will be treated as a new Seed request.
When an Answer write will not be treated as a new Seed request and the seed related to
that answer will be sent back.
WD Answer
Note:
WD Seed and WD Answer will be onto the same SPI register. When a Read operation will
be performed a new seed will be sent and the read will be treated as a new Seed request.
When an Answer write will not be treated as a new Seed request and the seed related to
that answer will be sent back.
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543210
R
Addr
Reserved
Seed
CRC
SPI parameter
Size
(bits)
default
Description
Seed
8
-
Current value of the Seed sent to the Micro to be used for the
Answer elaboration
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
98
76543210
W
Addr
Reserved
Answer High
Answer Low
CRC
SPI parameter
Size
(bits)
default
Description
Answer Low
8
-
Lower part of the answer
Answer High
8
-
Higher part of the answer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More