| データシートサーチシステム |
|
STA8090EXGA データシート(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8090EXGA データシート(HTML) 18 Page - STMicroelectronics |
|
18 / 42 page ![]() Pin description STA8090EXGA 18/42 DS11733 Rev 3 2.9 Multimedia card pins Table 9. Multimedia card pins Symbol I/O voltage I/O Alternative function Function Description MMC_CLK VDDIO_R2 O AF0 (default) MMC_CLK Multimedia Clock line L7 O AF1 i2s_out_lrclk MSP left/right clock output I AF2 Timer_ICAPA Extended Function Timer - Input Capture A I/O AF3 GPIO4 General purpose I/O #4 MMC_CMD VDDIO_R2 I/O AF0 (default) MMC_CMD Multimedia card command line N7 O AF1 i2s_out_sdata MSP serial data output O AF2 CAN0_TX(1) CAN0 transmit data output I/O AF3 GPIO5 General purpose I/O #5 MMC_D0 VDDIO_R2 I/O AF0 (default) MMC_D0 Multimedia card data 0 N6 O AF1 i2s_out_sclk MSP serial clock output I/O AF2 I2C_SD I2C serial data I/O AF3 GPIO20 General purpose I/O #20 MMC_D1 VDDIO_R2 I/O AF0 (default) MMC_D1 Multimedia card data 1 K7 I AF1 i2s_in_sdata MSP serial data input OAF2 Sign GC GLONASS and BeiDou 3-bit coding output (Sign) I/O AF3 GPIO21 General purpose I/O #21 MMC_D2 VDDIO_R2 I/O AF0 (default) MMC_D2 Multimedia card data 2 M7 I/O AF1 Reserved Reserved I AF2 CAN0_RX(1) CAN0 receive data input I/O AF3 Tsense External temperature capture port MMC_D3 VDDIO_R2 I/O AF0 (default) MMC_D3 Multimedia card data 3 K8 I/O AF1 Reserved Reserved O AF2 Sign GG GPS 3-bit coding output (Sign) I/O AF3 GPIO23 General purpose I/O #23 1. Only for STA8090EXGAA and STA8090EXGAB. |