データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STA8090EXGA データシート(PDF) 41 Page - STMicroelectronics

部品番号 STA8090EXGA
部品情報  Automotive GPS/Galileo/GLONASS/BeiDou/QZSS receiver with high performance processing capability
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8090EXGA データシート(HTML) 41 Page - STMicroelectronics

Back Button STA8090EXGA Datasheet HTML 34Page - STMicroelectronics STA8090EXGA Datasheet HTML 35Page - STMicroelectronics STA8090EXGA Datasheet HTML 36Page - STMicroelectronics STA8090EXGA Datasheet HTML 37Page - STMicroelectronics STA8090EXGA Datasheet HTML 38Page - STMicroelectronics STA8090EXGA Datasheet HTML 39Page - STMicroelectronics STA8090EXGA Datasheet HTML 40Page - STMicroelectronics STA8090EXGA Datasheet HTML 41Page - STMicroelectronics STA8090EXGA Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
DS11733 Rev 3
41/42
STA8090EXGA
Revision history
41
7
Revision history
Table 32. Document revision history
Date
Revision
Changes
07-Jul-2016
1
Initial release.
11-May-2017
2
Updated:
– Table 16 on page 30: removed the IDSLEEP parameter and added
IDStandby and IDDeepStandby parameters;
– Table 24 on page 33: the Typ. value of the CG and IP1dB
parameters, and add note (1) to the Typ. value of ATT parameter;
– Table 25 on page 34: the Typ. values of the S11 and IRR
parameters and add note (1) to teh Typ. value of ATT parameter;
– Table 26 on page 34: the Max. value of the FTCXO_XTAL parameter.
04-Jun-2020
3
Minor text changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42