| データシートサーチシステム |
|
STA8090EXGA データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA8090EXGA データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 42 page ![]() DS11733 Rev 3 39/42 STA8090EXGA Package and packing information 41 Figure 4. TFBGA169 9 x 9 x 1.2 mm package dimension 1. - The terminal A1 corner must be identified on the top surface by using a corner chamfer, ink or metallized markings, or other feature of package body or integral heatslug. - A distinguishing feature is allowable on the bottom surface of the package to identify the terminal A1 corner. Exact shape of each corner is optional. 5. The tolerance of position that controls the location of the balls within the matrix with respect to each other.For each ball there is a cylindrical tolerance zone fff perpendicular to datum C and located on true position as defined by e. The axis perpendicular to datum C of each ball must lie within this tolerance zone. Each tolerance zone fff in the array is contained entirely in the respective zone eee above. The axis of each ball must lie simultaneously in both tolerance zones. |