データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VL53L4CD データシート(PDF) 5 Page - STMicroelectronics

部品番号 VL53L4CD
部品情報  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD データシート(HTML) 5 Page - STMicroelectronics

  VL53L4CD Datasheet HTML 1Page - STMicroelectronics VL53L4CD Datasheet HTML 2Page - STMicroelectronics VL53L4CD Datasheet HTML 3Page - STMicroelectronics VL53L4CD Datasheet HTML 4Page - STMicroelectronics VL53L4CD Datasheet HTML 5Page - STMicroelectronics VL53L4CD Datasheet HTML 6Page - STMicroelectronics VL53L4CD Datasheet HTML 7Page - STMicroelectronics VL53L4CD Datasheet HTML 8Page - STMicroelectronics VL53L4CD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
1.4
Application schematic
The following figure shows the application schematic of the VL53L4CD.
Figure 3. VL53L4CD schematic
Capacitors on external supply AVDD should be placed as close as possible to the AVDDVCSEL and AVSSVCSEL
module pins.
External pull up resistor values can be found in I2C-bus specification. Pull-ups are typically fitted only once per
bus, near the host. For suggested values see Table 3. Suggested pull-up and series resistors for I²C fast mode
and Table 4. Suggested pull-up and series resistors for I²C fast mode plus.
XSHUT pin must always be driven to avoid leakage current. A pull-up is needed if the host state is not known.
XSHUT is needed to use hardware standby mode (no I²C communication).
XSHUT and GPIO1 pull-up recommended values are 10 kOhms.
GPIO1 should be left unconnected if not used.
The following tables list recommended values for pull-up and series resistors for an AVDD of 1.8 V to 2.8 V in I²C
fast mode (up to 400 kHz) and fast mode plus (up to 1 MHz).
Table 3. Suggested pull-up and series resistors for I²C fast mode
I²C load capacitance (CL)(1)
Pull up resistor (Ohms)
Series resistor (Ohms)
CL ≤ 90 pF
3.6 k
0
90 pF < CL ≤ 140 pF
2.4 k
0
140 pF < CL ≤ 270 pF
1.2 k
0
270 pF < CL ≤ 400 pF
0.8 k
0
1. For each bus line, CL is measured in application PCB by customer.
VL53L4CD
Application schematic
DS13812 - Rev 5
page 5/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37