| データシートサーチシステム |
|
VL53L4CD データシート(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VL53L4CD データシート(HTML) 4 Page - STMicroelectronics |
|
4 / 37 page ![]() 1.3 Device pinout The following figure shows the pinout of the VL53L4CD (see also Section 6 Outline drawings). Figure 2. VL53L4CD pinout (bottom view) AVDDVCSEL 2 AVSSVCSEL 3 GND 4 GND2 5 XSHUT 11 12 AVDD 10 SCL 9 SDA 8 DNC 7 GPIO1 6 1 GND3 GND4 Table 2. VL53L4CD pin description Pin number Signal name Signal type Signal description 1 AVDDVCSEL Supply VCSEL supply, to be connected to main supply 2 AVSSVCSEL Ground VCSEL ground, to be connected to main ground 3 GND To be connected to main ground 4 GND2 5 XSHUT Digital input Xshutdown pin, active low 6 GND3 Ground To be connected to main ground 7 GPIO1 Digital output Interrupt output. Open drain output 8 DNC Digital input Do not connect, must be left floating 9 SDA Digital input/output I²C serial data 10 SCL Digital input I²C serial clock input 11 AVDD Supply Supply, to be connected to main supply 12 GND4 Ground To be connected to main ground Note: AVSSVCSEL and GND are ground pins and can be connected together in the application schematics. Note: GND2, GND3, and GND4 are standard pins that are forced to the ground domain in the application schematics to avoid possible instabilities if set to other states. VL53L4CD Device pinout DS13812 - Rev 5 page 4/37 |