データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

VL53L4CD データシート(PDF) 20 Page - STMicroelectronics

部品番号 VL53L4CD
部品情報  Time-of-Flight high accuracy proximity sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L4CD データシート(HTML) 20 Page - STMicroelectronics

Back Button VL53L4CD Datasheet HTML 16Page - STMicroelectronics VL53L4CD Datasheet HTML 17Page - STMicroelectronics VL53L4CD Datasheet HTML 18Page - STMicroelectronics VL53L4CD Datasheet HTML 19Page - STMicroelectronics VL53L4CD Datasheet HTML 20Page - STMicroelectronics VL53L4CD Datasheet HTML 21Page - STMicroelectronics VL53L4CD Datasheet HTML 22Page - STMicroelectronics VL53L4CD Datasheet HTML 23Page - STMicroelectronics VL53L4CD Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
5.5
Ranging drift with temperature
When the temperature increases, the ranging value may be affected.
This value is an offset and not a gain, and it does not depend on the target distance.
The device embeds a feature that allows to compensate the temperature variation effect.
In order to get the most accurate performances, perform a manual temperature update when temperature varies.
This operation is done using a dedicated driver function. Refer to the VL53L4CD Ultra Lite Driver user manual
(UM2931).
VL53L4CD
Ranging drift with temperature
DS13812 - Rev 5
page 20/37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37