| データシートサーチシステム |
|
76232103 データシート(PDF) 9 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 データシート(HTML) 9 Page - Toshiba Semiconductor |
|
9 / 70 page ![]() – 9 – ELECTRICAL ADJUSTMENTS FOCUS VR ADJ SUB-BRIGHTNESS (BRTC) Note: Constrict the picture height until the vertical retrace line appears adjusting the item HIT (HEIGHT). HORIZONTAL POSITION ADJUSTMENT (HPOS) VERTICAL POSITION ADJUSTMENT (VPOS) VERTICAL AMPLITUDE ADJUSTMENT (HIT) 1. Enter the service mode, then select any register item. 2. Press the a button on the Remote until the black cross-bar pattern appears on the screen. 3. Adjust the FOCUS control (on T461) for well defined scanning lines on the picture screen. 1. Set CONTRAST to minimum, and BRIGHTNESS to center by adjusting user controls. 2. Set the TV in service mode to get Black cross-bar of inside pattern. 3. Select BRTC (brightness correction), and adjust the ; –/+ button to reduce the value so that white portion of inside pattern slightly light. 4. Adjust ; –/+ button to increase the data value of BRTC, and set it just before the difference between the belt of vertical retrace and the border of black portion of inside pattern is visible. After that, return vertical height and contrast. 1. Set the TV in service mode, and get black cross-bar signal with a button on remote hand unit. 2. Select either HPOS (Horizontal picture phase) or VPOS (Ver tical picture phase) with CH s, t buttons, and adjust horizontal or vertical picture position in the center of screen with ; –/+ buttons. 1. Set the TV in service mode, and get black cross-hatch signal with a button on remote hand unit. 2. Select HIT (Vertical amplitude) with CH s, t buttons, and adjust vertical amplitude with ; –/+ buttons so that vertical amplitude lacks a little. 3. Adjust vertical amplitude with ; –/+ buttons so that the first bar on cross- hatch signal touches edge of screen. Belt of vertical retrace The first ITEM ADJUSTMENT PROCEDURE |