| データシートサーチシステム |
|
76232103 データシート(PDF) 14 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 データシート(HTML) 14 Page - Toshiba Semiconductor |
|
14 / 70 page ![]() – 14 – CIRCUIT CHECK HIGH VOLTAGE CHECK CAUTION: There is no HIGH VOLTAGE ADJUSTMENT on this chassis. Checking should be done following the steps below. 1. Connect an accurate high voltage meter to the second anode of the picture tube. 2. Turn on the receiver. Set the BRIGHTNESS and CONTRAST controls to minimum (zero beam current). 3. High voltage must be measured below (B) kV. Refer to table-1 for high voltage (B). (See SETTING & ADJUSTING DATA on page 15) 4. Vary the BRIGHTNESS control to both extremes to be sure the high voltage does not exceed the limit under any conditions. |