| データシートサーチシステム |
|
76232103 データシート(PDF) 12 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
76232103 データシート(HTML) 12 Page - Toshiba Semiconductor |
|
12 / 70 page ![]() – 12 – For PAL/100 Hz/WIDE Horizontal amplitude (WID) Side pin distortion (PARA) Trapezoidal distortion (TRAP) Corner distortion (CNR) Upper corner distortion (TCNR) Lower corner distortion (BCNR) CENT distortion (CPAR) Parallelogrammatic distortion (CSAW) Horizontal phase (HPOS) Note 1: POW/DEF board: P451/ M450 Horizontal screen positional switch Screen position shall be switched by inserting a plug into the above pin. (CENT should take the first stage) <Adjustment condition> Horizontal adjustment shall be made using E-12CH Philips pattern and DYNAMIC image mode. <Adjustment procedure> 1) Using WID data, reduce the horizontal amplitude until a part of it is dropped out. 2) Using WID data, adjust the horizontal amplitude so that horizontal raster inevitably contacts with CPT mask. 3) Using the following (Note 1) horizontal screen positional switch, adjust the horizontal raster position to the center position. 4) Using the horizontal amplitude (WID) and horizontal phase (HPOS), adjust the horizontal amplitude so that the right and left flags are just blinded. The adjustment shall be made so that the right and left flags are just blinded. 5) Using PARA, TRAP, CNR and CPAR (or TCNR, BCNR or CSAW if necessary), adjust the screen distortion. 6) If necessary, make the horizontal amplitude adjustment again. ADJUSTMENT PROCEDURE Horizontal adjustment ADJUSTING ITEMS AND POINTS Hori- zontal * Deflection adjustment shall be made from PAL/100 Hz/WIDE mode. Right side Left side CENT 30 30 30 30 30 325 525 LINE 50 1 3 5 1 3 5 575 300 5 31 5 3 1 For NTSC WIDE Horizontal phase (NHPO) Horizontal amplitude (NWID) Side pin distortion (NPAR) Trapezoidal distortion (NTRA) Corner distortion (NCNR) CENT distortion (NCPAR) Parallelogrammatic distortion (NCSAW) Upper corner distortion * NTSC adjustment shall be made after PAL adjustment. 1) With domestic 13ch, WIDE mode and DYNAMIC, adjust the right and left bars to the fifth center for horizontal phase (NHPO) and horizontal amplitude (NWID). Right and left bars shall be adjusted to the fifth center. 2) With domestic 11ch, NPAR, NTRA, NCNR and NCPAR (or NTCNR, NBCNR or NCSAW if necessary), adjust the screen distortion. 3) If necessary, make horizontal amplitude adjustment again. ADJUSTMENT PROCEDURE Horizontal adjustment ADJUSTING ITEMS AND POINTS Hori- zontal |