データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HVLED007TR データシート(PDF) 19 Page - STMicroelectronics

部品番号 HVLED007TR
部品情報  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007TR データシート(HTML) 19 Page - STMicroelectronics

Back Button HVLED007TR Datasheet HTML 15Page - STMicroelectronics HVLED007TR Datasheet HTML 16Page - STMicroelectronics HVLED007TR Datasheet HTML 17Page - STMicroelectronics HVLED007TR Datasheet HTML 18Page - STMicroelectronics HVLED007TR Datasheet HTML 19Page - STMicroelectronics HVLED007TR Datasheet HTML 20Page - STMicroelectronics HVLED007TR Datasheet HTML 21Page - STMicroelectronics HVLED007TR Datasheet HTML 22Page - STMicroelectronics HVLED007TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
DS12866 Rev 1
19/33
HVLED007
Application information
33
a short while VCOMP falls again below VCOMP_BM in response to the energy burst and
stops again the IC, repeating the same sequence.
With this operating mode the duration of each burst and the idle time are automatically
adjusted according to the load conditions: as the load is progressively decreased, the
number of switching cycles in each burst becomes smaller and smaller and the duration
of the idle time becomes longer and longer. If the load increases, the number of switching
cycles in each burst becomes larger and the duration of the idle time becomes shorter,
until the operation becomes again continuous.
4.6
Multiplier input for input voltage sensing (pin MULT)
The multiplier input (MULT) is intended to sense the rectified input voltage through a resistor
divider to provide a sinusoidal template to the multiplier and the ICS circuit.
The user needs to properly select the voltage gain of the resistor divider Kp. The selection
criterion is that Kp needs to be large enough so that the peak of the programming signal
Vcsref (θ) generated by the ICS circuit at the minimum input voltage can reach the range of
the clamp value Vcsmax with a level of VCOMP voltage lower than the overload detection
threshold VCOMP_OL (see "Section 4.5: Control input for isolated feedback and optocoupler
driving (pin COMP)"). The condition to fulfill is:
Equation 11
with Kv_min = Vinpk_min /VR. It is recommended that Kp be as close to the value given by
(Equation 11) as possible (compatibly with expected tolerance of Kp), so as to maximize the
usage of the regulation range of VCOMP.
It is also recommended to check that with the selected Kp the amplitude of VMULTpk
calculated at the peak of the maximum specified input voltage does not exceed 3 V (linearity
limit of the multiplier), in which case the value of Kv_min should be increased (i.e. VR
reduced). Normally, this should not happen: the parameters of the ICS circuit have been
designed so as to allow a reflected voltage as high as 250 V even in an ultra-wide range
application (Vin = 85 to 305 Vac).
4.7
Current sensing input (pin CS). Sense resistor (Rs) selection
The PWM comparator (see Figure 4) senses the voltage Vcs (t, θ) across the current sense
resistor Rs and, by comparing it to the programming signal Vcsref (θ) generated by the ICS
circuit, determines the exact time when the external power switch is to be switched off, i.e.
Vcs (TON (θ), θ) = Vcsref (θ). Its output resets the PWM latch, previously set by the ZCD
triggering block (see Section 4.8: Zero current detection and triggering block (pin ZCD);
starter), which asserts the gate driver output low. The use of PWM latch avoids spurious
switching of the external power switch that might result from the noise generated ("double-
pulse suppression").
Cycle-by-cycle current limitation is realized by clamping the programming signal Vcsref (θ) at
a value Vcsmax (= 1.3 V typ.). The value of Vcsmax, along with that of the sense resistor Rs,
determines the overcurrent setpoint, i.e. the maximum peak current Ippk max allowed to flow
K p Vinpk_min = VMULT pk_min
Vcsmax_min
KM _min VCOMP_OL_min - VCOMPIo
 1+K
v_min

------------------------------------------------------------------------------------------------------------------------
=
1.231
1 Kv_min
+
-------------------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33