データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HVLED007TR データシート(PDF) 25 Page - STMicroelectronics

部品番号 HVLED007TR
部品情報  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007TR データシート(HTML) 25 Page - STMicroelectronics

Back Button HVLED007TR Datasheet HTML 21Page - STMicroelectronics HVLED007TR Datasheet HTML 22Page - STMicroelectronics HVLED007TR Datasheet HTML 23Page - STMicroelectronics HVLED007TR Datasheet HTML 24Page - STMicroelectronics HVLED007TR Datasheet HTML 25Page - STMicroelectronics HVLED007TR Datasheet HTML 26Page - STMicroelectronics HVLED007TR Datasheet HTML 27Page - STMicroelectronics HVLED007TR Datasheet HTML 28Page - STMicroelectronics HVLED007TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
DS12866 Rev 1
25/33
HVLED007
Application information
33
Vcc supply voltage is high enough to define its state) to reset the COMP voltage.
Figure 11 shows the functional schematic of the OVP circuit.
The OVP detection level VoutOVP can be defined by properly selecting the lower resistor
Rovp of the divider that connects the pin ZCD to the auxiliary winding according the
formula:
Equation 18
where Nsec and Naux are the secondary and auxiliary turns number respectively. The Rzcd
value is defined by other application parameters (see "Section 4.8: Zero current detection
and triggering block (pin ZCD); starter").
Figure 11. Functional schematic of the OVP function
4.11
Soft-restart function
This function provides a smooth converter restart limiting the initial primary peak current
whenever the IC is temporarily stopped during burst-mode operation (i.e. as VCOMP <
VCOMP_BM, see "Section 4.5: Control input for isolated feedback and optocoupler driving
(pin COMP)") or after an overvoltage detection (see "Section 4.10: Overvoltage protection
(OVP function)").
This goal is met by turning on a MOSFET switch connected between pin CT and ground that
discharges the external shaping capacitor Ct.
Firstly, the discharge switch is kept in the ON-state as long as the IC is in UVLO (provided its
Vcc supply voltage is high enough to define its state) to reset the CT voltage at start-up.
Secondly, the discharge switch is turned on as long as the IC is stopped and is turned off
when the idle period ends and the gate-drive is turned on. The schematic of Figure 12
shows the block diagram of the circuit implementing the above-mentioned functionality.
Rovp =
VZCD_OVP
N aux
N sec
------------ VoutOVP VZCD_OVP
–
------------------------------------------------------------------ Rzcd
VZCD_OVP
Rf
Cf
Rzcd
Rovp



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33