データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HVLED007TR データシート(PDF) 23 Page - STMicroelectronics

部品番号 HVLED007TR
部品情報  Transition mode PFC controller for flyback converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HVLED007TR データシート(HTML) 23 Page - STMicroelectronics

Back Button HVLED007TR Datasheet HTML 19Page - STMicroelectronics HVLED007TR Datasheet HTML 20Page - STMicroelectronics HVLED007TR Datasheet HTML 21Page - STMicroelectronics HVLED007TR Datasheet HTML 22Page - STMicroelectronics HVLED007TR Datasheet HTML 23Page - STMicroelectronics HVLED007TR Datasheet HTML 24Page - STMicroelectronics HVLED007TR Datasheet HTML 25Page - STMicroelectronics HVLED007TR Datasheet HTML 26Page - STMicroelectronics HVLED007TR Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
DS12866 Rev 1
23/33
HVLED007
Application information
33
developed by the auxiliary winding, becomes high enough to arm the ZCD triggering block
and start self-triggered TM operation.
The Start Timer is invoked also whenever the IC stops during burst-mode operation (i.e. as
VCOMP < VCOMP_BM, see "Section 4.5: Control input for isolated feedback and optocoupler
driving (pin COMP)") or after an overvoltage detection (see "Section 4.10: Overvoltage
protection (OVP function)") to restart switching activity.
4.9
Overload and short-circuit protection (OCP function)
The purpose of this function is to enable the HVLED007 to effectively control the converter
when the load exceeds its maximum specified value or in case of short-circuit at the output
so that no component in the power circuit is exposed to risk of failure.
This high-level goal is met by making the converter operate intermittently under these
conditions. To allow this, the low-level goal of the OCP function is to make the converter
operate at the frequency of the Start Timer, so that the supply voltage of the HVLED007
cannot be kept above the UVLO threshold at all times and the IC continuously shuts down
and restarts.
 Detection. Overload and short-circuit conditions (OL-SC) have a twofold detection:
a)
on pin COMP, when its voltage is over the upper end of the regulation range
(VCOMP > VCOMP_OL);
b)
on pin CT, when its voltage VCt exceeds an internal threshold VCT_OL (= 1.4 V).
OL-SC conditions are then detected by the logic OR of the two detection circuits.
 Corrective actions. The corrective actions aim to prevent the ringing after leakage
inductance demagnetization from erroneously triggering a new switching cycle, which
would result in high frequency operation under OL-SC conditions.
Once this has been ensured, one can rely on the natural behavior of TM-operated
systems, where the higher the overload, the lower the operating frequency and, therefore
the power capability of the converter.
Eventually, under short-circuit, the output voltage being too low, the ZCD circuit can no
longer be armed and the converter works at the frequency of the internal Start Timer (≈3.6
kHz), with an extremely low power capability. Since under these conditions the supply
voltage of the IC cannot be kept above its UVLO threshold, the IC continuously shuts
down and restarts, as targeted.
To meet this goal, a time window is generated whenever the external power MOSFET is
switched off (signal MSK in the block diagram of Figure 10). The synch pulses coming
from the ZCD circuit are blanked out during this time window.
Normally, the duration of this time window is 1 μs but when an OL-SC is detected, it is
increased to 3 μs. In addition to blanking the synch pulses coming from the ZCD circuit,
during this 3 μs time window the pin ZCD is internally grounded to kill the initial spike that
occurs at MOSFET turn-off and prevent the ZCD circuit from being improperly armed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33