| データシートサーチシステム |
|
L9945TR データシート(PDF) 38 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9945TR データシート(HTML) 38 Page - STMicroelectronics |
|
38 / 151 page ![]() Table 24. Diagnostic strategy for peak & hold configuration Fault type Circuit state HS OFF LS OFF HS ON LS OFF HS OFF LS ON HS ON LS ON HS LS HS LS HS LS HS LS OUT1 STB STB No fail No fail No fail STB No fail(1) No fail(2) No fail(1) OC(1) OUT1 STG No fail STG No fail(1) STG No fail No fail OC No fail (2) OC pin(3) OUT1 OL No diag(4) No diag(4) No fail OL OL No fail No fail (2) No fail (2) No STB/STG/OL(4) No STB/STG/OL(4) OUT4 STB STB No fail No fail(2) No fail STB No fail(1) No fail OC(3) OC pin(3) OUT4 STG No fail STG No fail(1) STG No fail No fail(2) No fail(1) No fail(1) OC(1) OUT4 OL No diag(4) No diag(4) No fail OL OL No fail No fail (1) No fail(1) No STB/STG/OL(4) No STB/STG/OL(4) OUT1-OUT4 short (SCL) No diag(4) No diag(4) No fail No fail No fail No fail OC pin(3) OC pin(3) No STB/STG/OL(4) No STB/STG/OL(4) 1. Current limited by the load. In case current is greater than the OC threshold, protection is triggered and external FET is shut OFF. However, diagnostic latches are not updated. 2. Current in the shunt resistor is 0 mA. Micro may monitor. 3. Depending on transistor switch ON delay and configured tblank_oc. 4. Depending on PHx_diag_strategy. L9945 Peak & Hold DS12275 - Rev 8 page 38/151 |