データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGIF5CH60TS-XZ データシート(PDF) 6 Page - STMicroelectronics

部品番号 STGIF5CH60TS-XZ
部品情報  SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF5CH60TS-XZ データシート(HTML) 6 Page - STMicroelectronics

Back Button STGIF5CH60TS-XZ Datasheet HTML 2Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 3Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 4Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 5Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 6Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 7Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 8Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 9Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
3
Electrical characteristics
TJ = 25 °C unless otherwise specified.
3.1
Inverter parts
Table 6. Static
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
VCE = 600 V, VCC = Vboot = 15 V
-
100
µA
VCE(sat)
Collector-emitter saturation
voltage
VCC = Vboot = 15 V, VIN(1) = 0 to 5 V,
IC = 5 A
-
1.5
1.95
V
VCC = Vboot = 15 V, VIN(1) = 0 to 5 V,
IC = 8 A
-
1.7
VF
Diode forward voltage
VIN(1) = 0 V, IC = 5 A
-
2.1
2.7
V
VIN(1) = 0 V, IC = 8 A
-
2.4
V
1. Applied between HINx, LINx and GND for x = U, V, W.
Table 7. Inductive load switching time and energy
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ton(1)
Turn-on time
VDD = 300 V, VCC = Vboot = 15 V,
VIN(2) = 0 to 5 V, IC = 5 A
-
265
-
ns
tc(on)(1)
Crossover time on
-
110
-
toff(1)
Turn-off time
-
305
-
tc(off)(1)
Crossover time off
-
92
-
trr
Reverse recovery time
-
100
-
Eon
Turn-on switching energy
-
90
-
µJ
Eoff
Turn-off switching energy
-
60
-
Err
Reverse recovery energy
-
5.6
-
ton(1)
Turn-on time
VDD = 300 V, VCC = Vboot = 15 V,
VIN(2) = 0 to 5 V, IC = 8 A
-
282
-
ns
tc(on)(1)
Crossover time on
-
126
-
toff(1)
Turn-off time
-
295
-
tc(off)(1)
Crossover time off
-
90
-
trr
Reverse recovery time
-
100
-
Eon
Turn-on switching energy
-
163
-
µJ
Eoff
Turn-off switching energy
-
86
-
Err
Reverse recovery energy
-
9.2
-
1. ton and toff include the propagation delay time of the internal drive. tc(on) and tc(off) are the switching times of the IGBT itself
under the internally given gate driving conditions.
2. Applied between HINx, LINx and GND for x = U, V, W.
STGIF5CH60TS-XZ
Electrical characteristics
DS13929 - Rev 1
page 6/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com