データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STGIF5CH60TS-XZ データシート(PDF) 20 Page - STMicroelectronics

部品番号 STGIF5CH60TS-XZ
部品情報  SLLIMM - 2nd series IPM, 3-phase inverter, 8 A, 600 V, short‑circuit rugged IGBT
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF5CH60TS-XZ データシート(HTML) 20 Page - STMicroelectronics

Back Button STGIF5CH60TS-XZ Datasheet HTML 16Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 17Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 18Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 19Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 20Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 21Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 22Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 23Page - STMicroelectronics STGIF5CH60TS-XZ Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
8.1
SDIP2F-26L type X package information
Figure 18. SDIP2F-26L type X package outline
8450803_5_type X
STGIF5CH60TS-XZ
Package information
DS13929 - Rev 1
page 20/24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com