データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TDA7563PD データシート(PDF) 14 Page - STMicroelectronics

部品番号 TDA7563PD
部品情報  MULTIFUNCTION QUAD POWER AMPLIFIER WITH BUILT-IN DIAGNOSTICS FEATURES
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7563PD データシート(HTML) 14 Page - STMicroelectronics

Back Button TDA7563PD Datasheet HTML 10Page - STMicroelectronics TDA7563PD Datasheet HTML 11Page - STMicroelectronics TDA7563PD Datasheet HTML 12Page - STMicroelectronics TDA7563PD Datasheet HTML 13Page - STMicroelectronics TDA7563PD Datasheet HTML 14Page - STMicroelectronics TDA7563PD Datasheet HTML 15Page - STMicroelectronics TDA7563PD Datasheet HTML 16Page - STMicroelectronics TDA7563PD Datasheet HTML 17Page - STMicroelectronics TDA7563PD Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
TDA7563PD
14/21
9.4 Acknowledge
The transmitter* puts a resistive HIGH level on the SDA line during the acknowledge clock pulse (see fig. 30).
The receiver** the acknowledges has to pull-down (LOW) the SDA line during the acknowledge clock pulse, so
that the SDAline is stable LOW during this clock pulse.
* Transmitter
–master (
µP) when it writes an address to the TDA7563PD
– slave (TDA7563PD) when the
µP reads a data byte from TDA7563PD
** Receiver
– slave (TDA7563PD) when the
µP writes an address to the TDA7563PD
–master (
µP) when it reads a data byte from TDA7563PD
Figure 28. Data Validity on the I2CBUS
Figure 29. Timing Diagram on the I2CBUS
Figure 30. Acknowledge on the I2CBUS
SDA
SCL
DATA LINE
STABLE, DATA
VALID
CHANGE
DATA
ALLOWED
D99AU1031
SCL
SDA
START
I2CBUS
STOP
D99AU1032
SCL
1
MSB
23789
SDA
START
ACKNOWLEDGMENT
FROM RECEIVER
D99AU1033



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21