| データシートサーチシステム |
|
TDA7563PD データシート(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7563PD データシート(HTML) 16 Page - STMicroelectronics |
|
16 / 21 page ![]() TDA7563PD 16/21 Table 8. DB1 Table 9. DB2 D7 Thermal warning active (D7 = 1) D6 Diag. cycle not activated or not terminated (D6 = 0) Diag. cycle terminated (D6 = 1) D5 X D4 Channel LF Turn-on diagnostic (D4 = 0) Permanent diagnostic (D4 = 1) D3 Channel LF Normal load (D3 = 0) Short load (D3 = 1) D2 Channel LF Turn-on diag.: No open load (D2 = 0) Open load detection (D2 = 1) Offset diag.: No output offset (D2 = 0) Output offset detection (D2 = 1) D1 Channel LF No short to Vcc (D1 = 0) Short to Vcc (D1 = 1) D0 Channel LFNo short to GND (D1 = 0)Short to GND (D1 = 1) D7 Offset detection not activated (D7 = 0) Offset detection activated (D7 = 1) D6 X D5 X D4 Channel LR Turn-on diagnostic (D4 = 0) Permanent diagnostic (D4 = 1) D3 Channel LR Normal load (D3 = 0) Short load (D3 = 1) D2 Channel LR Turn-on diag.: No open load (D2 = 0) Open load detection (D2 = 1) Permanent diag.: No output offset (D2 = 0) Output offset detection (D2 = 1) D1 Channel LRNo short to Vcc (D1 = 0) Short to Vcc (D1 = 1) D0 Channel LRNo short to GND (D1 = 0) Short to GND (D1 = 1) |