| データシートサーチシステム |
|
TDA7563PD データシート(PDF) 17 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7563PD データシート(HTML) 17 Page - STMicroelectronics |
|
17 / 21 page ![]() 17/21 TDA7563PD Table 10. B3 Table 11. DB4 D7 Stand-by status (= IB1 - D4) D6 Diagnostic status (= IB1 - D6) D5 X D4 Channel RF Turn-on diagnostic (D4 = 0) Permanent diagnostic (D4 = 1) D3 Channel RF Normal load (D3 = 0) Short load (D3 = 1) D2 Channel RF Turn-on diag.: No open load (D2 = 0) Open load detection (D2 = 1) Permanent diag.: No output offset (D2 = 0) Output offset detection (D2 = 1) D1 Channel RF No short to Vcc (D1 = 0) Short to Vcc (D1 = 1) D0 Channel RF No short to GND (D1 = 0) Short to GND (D1 = 1) D7 X D6 X D5 X D4 Channel RR Turn-on diagnostic (D4 = 0) Permanent diagnostic (D4 = 1) D3 Channel R RNormal load (D3 = 0) Short load (D3 = 1) D2 Channel RR Turn-on diag.: No open load (D2 = 0) Open load detection (D2 = 1) Permanent diag.: No output offset (D2 = 0) Output offset detection (D2 = 1) D1 Channel RR No short to Vcc (D1 = 0) Short to Vcc (D1 = 1) D0 Channel RR No short to GND (D1 = 0) Short to GND (D1 = 1) |