| データシートサーチシステム |
|
LT8686SJVPBF データシート(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LT8686SJVPBF データシート(HTML) 4 Page - Analog Devices |
|
4 / 26 page ![]() LT8686S 4 Rev. 0 For more information www.analog.com ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 12V, VIN3 = VIN4 = 5V, fSW = 2MHz unless otherwise specified. Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: The LT8686SJ is specified over the –40°C to 150°C operating junction temperature range. High junction temperatures degrade operating lifetimes. Note the maximum ambient temperature consistent with these specifications is determined by specific operating conditions in conjunction with board layout, the rated package thermal impedance and other environmental factors. Note 3: This IC includes overtemperature protection that is intended to protect the device during overload conditions. Junction temperature will exceed the maximum operating junction temperature when overtemperature protection is active. Continuous operation above the specified maximum operating junction temperature will reduce lifetime. PARAMETER CONDITIONS MIN TYP MAX UNITS Channels 3, 4 Feedback Reference Voltage l 0.786 0.8 0.812 V Feedback Input Current l –100 0 100 nA VFB3, VFB4 Line Regulation VVIN1 = 3V to 42V 0.01 %/V Peak Current Limit 3.5 4 4.5 A Power MOSFET On-Resistance Main Switch Synchronous Switch (Bottom) ISW3, ISW4 = 0.1A ISW3, ISW4 = 0.1A 120 65 mΩ mΩ EN3, EN4 Threshold EN3, EN4 Falling l 0.78 0.81 0.84 V EN3, EN4 Hysteresis 50 mV EN3, EN4 Input Current VEN3, VEN4 = 42V –250 0 250 nA PGOOD Upper Threshold Offset from VFB3, VFB4 VFB3, VFB4 Rising l 4.5 7.5 10 % PGOOD Lower Threshold Offset from VFB3, VFB4 VFB3, VFB4 Falling l –10 –7.5 –4.5 % PGOOD Hysteresis 1.2 % PGOOD Leakage VPG3, VPG4 = 6V –250 0 250 nA PGOOD Pull-Down Resistance VPG3, VPG4 = 0.1V 500 1200 Ω TRK/SS3, TRK/SS4 Pull-Up Current VTRK/SS3, VTRK/SS4 = 0V 2.0 μA |