| データシートサーチシステム |
|
NRF9160-SICA-R7 データシート(PDF) 67 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 データシート(HTML) 67 Page - Nordic Semiconductor |
|
67 / 400 page ![]() Power and clock management Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event SLEEPENTER will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 5.3.1.1.10 PUBLISH_SLEEPEXIT Address offset: 0x198 Publish configuration for event SLEEPEXIT Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID B A A A A A A A A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW CHIDX [255..0] DPPI channel that event SLEEPEXIT will publish to B RW EN Disabled 0 Disable publishing Enabled 1 Enable publishing 5.3.1.1.11 INTEN Address offset: 0x300 Enable or disable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID E D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW POFWARN Enable or disable interrupt for event POFWARN Disabled 0 Disable Enabled 1 Enable D RW SLEEPENTER Enable or disable interrupt for event SLEEPENTER Disabled 0 Disable Enabled 1 Enable E RW SLEEPEXIT Enable or disable interrupt for event SLEEPEXIT Disabled 0 Disable Enabled 1 Enable 5.3.1.1.12 INTENSET Address offset: 0x304 Enable interrupt Bit number 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 ID E D A Reset 0x00000000 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 0 ID R/W Field Value ID Value Description A RW POFWARN Write '1' to enable interrupt for event POFWARN 4418_1315 v2.0 67 |