| データシートサーチシステム |
|
NRF9160-SICA-R7 データシート(PDF) 15 Page - Nordic Semiconductor |
|
|
|||||||||||||||||||||||||||||
NRF9160-SICA-R7 データシート(HTML) 15 Page - Nordic Semiconductor |
|
15 / 400 page ![]() Product overview nRF9160 AHB TO APB BRIDGE AHB multilayer SPIM [0..3] SAADC GPIOTE GPIO UARTE [0..3] TWIM [0..3] SPIS [0..3] EasyDMA CPU ARM CORTEX-M33 AHB-AP NVIC ETM SysTick NVMC RTC [0..1] CODE EasyDMA EasyDMA EasyDMA TIMER [0..2] EasyDMA TWIS [0..3] EasyDMA DPPI IPC CLOCK POWER WDT UICR Debug ETM trace ITM trace I2S PDM EasyDMA EasyDMA PWM[0..3] EasyDMA LTE-M modem FICR Clock control ARM TrustZone CryptoCell 310 DMA KMU REGULATORS SPU RAM0 RAM1 RAM2 RAM0 RAM1 RAM2 RAM3 master master master master master master master master master master slave APB P0 (P0.0 – P0.31) AIN0 – AIN7 AREF0 – AREF1 RTS CTS TXD RXD SCL SDA SCL SDA SCK MOSI MISO SCK MOSI MISO CSN CLK DIN MCK LRCK SCL SDOUT SDIN OUT0-OUT3 1.8 V USIM / USIM RAM3 / ANT - LTE ANT - GPS High frequency clock sources High frequency clock sources GPS Figure 1: Block diagram 3.3 Peripheral interface Peripherals are controlled by the CPU through configuration registers, as well as task and event registers. Task registers are inputs, enabling the CPU and other peripherals to initiate a functionality. Event registers are outputs, enabling a peripheral to trigger tasks in other peripherals and/or the CPU by tying events to CPU interrupts. 4418_1315 v2.0 15 |