| データシートサーチシステム |
|
TC387 データシート(PDF) 53 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 データシート(HTML) 53 Page - Infineon Technologies AG |
|
53 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 53 V 1.2, 2021-03 G9 P10.8 I SLOW / PU1 / VEXT / ES General-purpose input GTM_TIM4_IN0_13 Mux input channel 0 of TIM module 4 GTM_TIM1_IN5_2 Mux input channel 5 of TIM module 1 GTM_TIM0_IN5_2 Mux input channel 5 of TIM module 0 CAN12_RXDB CAN receive input node 2 GPT120_T4INB Trigger/gate input of timer T4 QSPI3_SCLKB Slave SPI clock inputs SCU_E_REQ1_2 ERU Channel 1 inputs 0 to 5 (0 is the LSB and 5 is the MSB) CCU60_CCPOS2C Hall capture input 2 CAN20_RXDB CAN receive input node 0 P10.8 O0 General-purpose output GTM_TOUT110 O1 GTM muxed output ASCLIN2_ARTS O2 Ready to send output QSPI3_SCLK O3 Master SPI clock output ASCLIN23_ATX O4 Transmit output —O5 Reserved —O6 Reserved —O7 Reserved B8 P10.9 I SLOW / PU1 / VEXT / ES General-purpose input GTM_TIM6_IN0_5 Mux input channel 0 of TIM module 6 GTM_TIM4_IN1_4 Mux input channel 1 of TIM module 4 GTM_TIM0_IN1_10 Mux input channel 1 of TIM module 0 SENT_SENT15C Receive input channel 15 ASCLIN6_ARXD Receive input P10.9 O0 General-purpose output GTM_TOUT265 O1 GTM muxed output —O2 Reserved —O3 Reserved —O4 Reserved —O5 Reserved —O6 Reserved —O7 Reserved Table 2-4 Port 10 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |