| データシートサーチシステム |
|
TC387 データシート(PDF) 64 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 データシート(HTML) 64 Page - Infineon Technologies AG |
|
64 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 64 V 1.2, 2021-03 J11 P11.15 I SLOW / PU1 / VFLEX / ES General-purpose input GTM_TIM4_IN7_5 Mux input channel 7 of TIM module 4 GTM_TIM0_IN7_8 Mux input channel 7 of TIM module 0 GETH_COLA Collision MII P11.15 O0 General-purpose output GTM_TOUT127 O1 GTM muxed output —O2 Reserved —O3 Reserved —O4 Reserved —O5 Reserved —O6 Reserved —O7 Reserved Table 2-6 Port 12 Functions Ball Symbol Ctrl. Buffer Type Function K17 P12.0 I SLOW / PU1 / VFLEX / ES General-purpose input GTM_TIM4_IN0_5 Mux input channel 0 of TIM module 4 GTM_TIM3_IN0_7 Mux input channel 0 of TIM module 3 CAN00_RXDC CAN receive input node 0 GETH_RXCLKC Receive Clock MII GTM_DTMA4_0 CDTM4_DTM4 P12.0 O0 General-purpose output GTM_TOUT128 O1 GTM muxed output —O2 Reserved —O3 Reserved —O4 Reserved —O5 Reserved GETH_MDC O6 MDIO clock —O7 Reserved Table 2-5 Port 11 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |