| データシートサーチシステム |
|
TC387 データシート(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TC387 データシート(HTML) 21 Page - Infineon Technologies AG |
|
21 / 416 page ![]() TC38x AD/AE-Step Pin Definition and Functions BGA516 Package Variant Pin Configuration Data Sheet 21 V 1.2, 2021-03 R6 P00.7 I SLOW / PU1 / VEXT / ES1 General-purpose input GTM_TIM3_IN6_1 Mux input channel 6 of TIM module 3 GTM_TIM3_IN2_11 Mux input channel 2 of TIM module 3 GTM_TIM2_IN6_1 Mux input channel 6 of TIM module 2 CCU61_CC60INC T12 capture input 60 SENT_SENT6B Receive input channel 6 EDSADC_DSCIN4A Modulator clock input, channel 4 GPT120_T2INA Trigger/gate input of timer T2 CCU61_CCPOS0A Hall capture input 0 CCU60_T12HRB External timer start 12 GTM_DTMT0_2 CDTM0_DTM0 EVADC_G9CH5 AI Analog input channel 5, group 9 EDSADC_EDS4NA Negative analog input channel 4, pin A P00.7 O0 General-purpose output GTM_TOUT16 O1 GTM muxed output ASCLIN5_ATX O2 Transmit output EVADC_FC2BFLOUT O3 Boundary flag output, FC channel 2 EDSADC_DSCOUT4 O4 Modulator clock output EVADC_EMUX11 O5 Control of external analog multiplexer interface 1 SENT_SPC6 O6 Transmit output CCU61_CC60 O7 T12 PWM channel 60 IOM_MON1_8 Monitor input 1 IOM_REF1_13 Reference input 1 Table 2-1 Port 00 Functions (cont’d) Ball Symbol Ctrl. Buffer Type Function OPEN MARKET VERSION |