| データシートサーチシステム |
|
STM32L082CZ データシート(PDF) 44 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L082CZ データシート(HTML) 44 Page - STMicroelectronics |
|
44 / 132 page ![]() Pin descriptions STM32L082xx 44/132 DS10688 Rev 7 - - 46 A6 PB9 I/O FTf - EVENTOUT, I2C1_SDA, SPI2_NSS/I2S2_WS - 32 31 47 - VSS S - - - - -32 48 A7 VDD S - - - - 1. UFQFPN32 pinout differs from other STM32 devices except STM32L07xxx and STM32L8xxx. 2. PA4 and PA5 offer a reduced touch sensing sensitivity. It is thus recommended to use them as sampling capacitor I/Os. 3. These pins are powered by VDD_USB. For all characteristics that refer to VDD, VDD_USB must be used instead. Table 15. STM32L082xx pin definition (continued) Pin number Pin name (function after reset) Alternate functions Additional functions |