| データシートサーチシステム |
|
STM32W108HB データシート(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108HB データシート(HTML) 49 Page - STMicroelectronics |
|
49 / 278 page ![]() STM32W108HB STM32W108CC STM32W108CB STM32W108CZ System modules Doc ID 16252 Rev 14 49/278 6.3 Clocks The STM32W108 integrates four oscillators: ● High frequency RC oscillator (HSI) ● 24 MHz crystal oscillator (HSE) ● 10 kHz LSI RC oscillator (LSI10K) ● 32.768 kHz crystal oscillator (LSE) Note: The LSI1K clock is generated from the 10 kHz LSI RC oscillator (LSI10K). The default value is a divide by 10 for a nominal 1 kHz output clock. Figure 7 shows a block diagram of the clocks in the STM32W108. This simplified view shows all the clock sources and the general areas of the chip to which they are routed. Figure 7. Clocks block diagram PCLK LSE OSC Produces 6MHz or 1MHz SCLK LSI10K LSI1K oscillator Failover monitor (selects RC when XTAL fails ) HSI HSE OSC FCLK CPU bus RAM CTRL RAM bus FLITF Flash CLK_HSECR2_SW1 SysTick_CTRL_CLKSOURCE SLPTMR _CR_CLKSEL CoreDebug_DEMCR_TRCENA TIM_SMCR_SMS[2:0] TIM2_OR_EXTRIGSEL[1:0] TIMxCLK digital in 12 MHz HSI RC 24 MHz HSE OSC 10 kHz LSI RC 32 kHz digital in /2 /2 /(2^N) oscillator CLK_SLEEPCR_LSEEN 32 kHz LSE OSC MAC Timer counter SCx RATEGEN SysTick counter TIMx counter ADC SigmaDelta Sleep Timer counter Watchdog counter AND TRACECLK digital out SCxSCLK digital i /o /N (nominal 10) SLPTMR_CR_PSC[7:4] ADC_CR_CLK CLK_HSECR2_EN CLK_CR2_SW2 |