データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32W108HB データシート(PDF) 38 Page - STMicroelectronics

部品番号 STM32W108HB
部品情報  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB データシート(HTML) 38 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 34Page - STMicroelectronics STM32W108HB Datasheet HTML 35Page - STMicroelectronics STM32W108HB Datasheet HTML 36Page - STMicroelectronics STM32W108HB Datasheet HTML 37Page - STMicroelectronics STM32W108HB Datasheet HTML 38Page - STMicroelectronics STM32W108HB Datasheet HTML 39Page - STMicroelectronics STM32W108HB Datasheet HTML 40Page - STMicroelectronics STM32W108HB Datasheet HTML 41Page - STMicroelectronics STM32W108HB Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 278 page
background image
Embedded memory
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
38/278
Doc ID 16252 Rev 14
4.4
Memory protection unit
The STM32W108 includes the ARM® Cortex-M3 Memory Protection Unit, or MPU. The
MPU controls access rights and characteristics of up to eight address regions, each of
which may be divided into eight equal sub-regions. Refer to the ARM® Cortex-M3 Technical
Reference Manual (DDI 0337A) for a detailed description of the MPU.
ST software configures the MPU in a standard configuration and application software should
not modify it. The configuration is designed for optimal detection of illegal instruction or data
accesses. If an illegal access is attempted, the MPU captures information about the access
type, the address being accessed, and the location of the offending software. This simplifies
software debugging and increases the reliability of deployed devices. As a consequence of
this MPU configuration, accessing RAM and register bit-band address alias regions is not
permitted, and generates a bus fault if attempted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More