データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32W108HB データシート(PDF) 57 Page - STMicroelectronics

部品番号 STM32W108HB
部品情報  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108HB データシート(HTML) 57 Page - STMicroelectronics

Back Button STM32W108HB Datasheet HTML 53Page - STMicroelectronics STM32W108HB Datasheet HTML 54Page - STMicroelectronics STM32W108HB Datasheet HTML 55Page - STMicroelectronics STM32W108HB Datasheet HTML 56Page - STMicroelectronics STM32W108HB Datasheet HTML 57Page - STMicroelectronics STM32W108HB Datasheet HTML 58Page - STMicroelectronics STM32W108HB Datasheet HTML 59Page - STMicroelectronics STM32W108HB Datasheet HTML 60Page - STMicroelectronics STM32W108HB Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
System modules
Doc ID 16252 Rev 14
57/278
CPU clock control register (CLK_CPUCR)
Address: 0x4000 4020
Reset value: 0x0000 0000
Reserved, must be kept at reset value
SW2: Switch clock 2
Note:
Clock selection determines if the RAM controller is running at the same speed as the PCLK
(SW2 = ‘1’) or double speed of PCLK (SW2 = ‘0’).
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Reserved
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
SW2
rws
Bits [31:1]
Bit 0
1: 24-MHz CPU clock selected
0: 12-MHz CPU clock selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More