| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 84 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 84 Page - STMicroelectronics |
|
84 / 278 page ![]() System modules STM32W108HB STM32W108CC STM32W108CB STM32W108CZ 84/278 Doc ID 16252 Rev 14 6.6 Security accelerator The STM32W108 contains a hardware AES encryption engine accessible from the ARM® Cortex-M3. NIST-based CCM, CCM, CBC-MAC, and CTR modes are implemented in hardware. These modes are described in the IEEE 802.15.4-2003 specification, with the exception of CCM, which is described in the ZigBee Security Services Specification 1.0. |