データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32W108CB データシート(PDF) 40 Page - STMicroelectronics

部品番号 STM32W108CB
部品情報  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB データシート(HTML) 40 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 36Page - STMicroelectronics STM32W108CB Datasheet HTML 37Page - STMicroelectronics STM32W108CB Datasheet HTML 38Page - STMicroelectronics STM32W108CB Datasheet HTML 39Page - STMicroelectronics STM32W108CB Datasheet HTML 40Page - STMicroelectronics STM32W108CB Datasheet HTML 41Page - STMicroelectronics STM32W108CB Datasheet HTML 42Page - STMicroelectronics STM32W108CB Datasheet HTML 43Page - STMicroelectronics STM32W108CB Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 278 page
background image
Radio frequency module
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
40/278
Doc ID 16252 Rev 14
5.2
Transmit (Tx) path
The STM32W108 Tx path produces an O-QPSK-modulated signal using the analog front
end and digital baseband. The area- and power-efficient Tx architecture uses a two-point
modulation scheme to modulate the RF signal generated by the synthesizer. The modulated
RF signal is fed to the integrated PA and then out of the STM32W108.
5.2.1
Tx baseband
The STM32W108 Tx baseband in the digital domain spreads the 4-bit symbol into its IEEE
802.15.4-2003-defined 32-chip sequence. It also provides the interface for software to
calibrate the Tx module to reduce silicon process, temperature, and voltage variations.
5.2.2
TX_ACTIVE and nTX_ACTIVE signals
For applications requiring an external PA, two signals are provided called TX_ACTIVE and
nTX_ACTIVE. These signals are the inverse of each other. They can be used for external PA
power management and RF switching logic. In transmit mode the Tx baseband drives
TX_ACTIVE high, as described in Table 17: GPIO signal assignments on page 94. In
receive mode the TX_ACTIVE signal is low. TX_ACTIVE is the alternate function of PC5,
and nTX_ACTIVE is the alternate function of PC6. See Section 8: General-purpose
input/output on page 87 for details of the alternate GPIO functions.
5.3
Calibration
The ST RF software driver calibrates the radio using dedicated hardware resources.
5.4
Integrated MAC module
The STM32W108 integrates most of the IEEE 802.15.4 MAC requirements in hardware.
This allows the ARM® Cortex-M3 CPU to provide greater bandwidth to application and
network operations. In addition, the hardware acts as a first-line filter for unwanted packets.
The STM32W108 MAC uses a DMA interface to RAM to further reduce the overall ARM®
Cortex-M3 CPU interaction when transmitting or receiving packets.
When a packet is ready for transmission, the software configures the Tx MAC DMA by
indicating the packet buffer RAM location. The MAC waits for the backoff period, then
switches the baseband to Tx mode and performs channel assessment. When the channel is
clear the MAC reads data from the RAM buffer, calculates the CRC, and provides 4-bit
symbols to the baseband. When the final byte has been read and sent to the baseband, the
CRC remainder is read and transmitted.
The MAC is in Rx mode most of the time. In Rx mode various format and address filters
keep unwanted packets from using excessive RAM buffers, and prevent the CPU from being
unnecessarily interrupted. When the reception of a packet begins, the MAC reads 4-bit
symbols from the baseband and calculates the CRC. It then assembles the received data for
storage in a RAM buffer. Rx MAC DMA provides direct access to RAM. Once the packet has
been received additional data, which provides statistical information on the packet to the
software stack, is appended to the end of the packet in the RAM buffer space.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More