| データシートサーチシステム |
|
STM32W108CB データシート(PDF) 212 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32W108CB データシート(HTML) 212 Page - STMicroelectronics |
|
212 / 278 page ![]() General-purpose timers STM32W108HB STM32W108CC STM32W108CB STM32W108CZ 212/278 Doc ID 16252 Rev 14 10.3.15 Timer x capture/compare 2 register (TIMx_CCR2) Address offset: 0xE038 (TIM1) and 0xF038 (TIM2) Reset value: 0x0000 0000 Reserved, must be kept at reset value See description in the TIMx_CCR1 register 10.3.16 Timer x capture/compare 3 register (TIMx_CCR3) Address offset: 0xE03C (TIM1) and 0xF03C (TIM2) Reset value: 0x0000 0000 Reserved, must be kept at reset value See description in the TIMx_CCR1 register 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 CCR[15:0] rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:16] Bits [15:0] 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 Reserved 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 CCR[15:0] rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw rw Bits [31:16] Bits [15:0] |