データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32W108CB データシート(PDF) 265 Page - STMicroelectronics

部品番号 STM32W108CB
部品情報  High-performance, IEEE 802.15.4 wireless system-on-chip with up to 256 Kbytes of embedded Flash memory
PDF  278 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32W108CB データシート(HTML) 265 Page - STMicroelectronics

Back Button STM32W108CB Datasheet HTML 261Page - STMicroelectronics STM32W108CB Datasheet HTML 262Page - STMicroelectronics STM32W108CB Datasheet HTML 263Page - STMicroelectronics STM32W108CB Datasheet HTML 264Page - STMicroelectronics STM32W108CB Datasheet HTML 265Page - STMicroelectronics STM32W108CB Datasheet HTML 266Page - STMicroelectronics STM32W108CB Datasheet HTML 267Page - STMicroelectronics STM32W108CB Datasheet HTML 268Page - STMicroelectronics STM32W108CB Datasheet HTML 269Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 278 page
background image
STM32W108HB STM32W108CC STM32W108CB STM32W108CZ
Package characteristics
Doc ID 16252 Rev 14
265/278
Figure 62.
VFQFPN40 6x6mm pitch 0.5 package outline
1.
Drawing is not to scale.
A
A1
A2
A3
b
D
D2
E
E2
e
L
ddd
Table 71.
VFQFPN40 6x6mm package mechanical data
Symbol
millimeters
inches(1)
1.
Values in inches are converted from mm and rounded to 4 decimal digits.
Min
Typ
Max
Min
Typ
Max
0.800
0.900
1.000
0.0315
0.0354
0.0394
0.020
0.050
0.0008
0.0020
0.720
1.070
0.0283
0.0421
0.200
0.0079
0.180
0.250
0.300
0.0071
0.0098
0.0118
5.900
6.000
6.100
0.2323
0.2362
0.2402
4.500
4.550
4.700
0.1772
0.1791
0.1850
6.000
0.2362
4.500
4.550
4.700
0.1772
0.1791
0.1850
0.500
0.0197
0.350
0.400
0.450
0.0138
0.0157
0.0177
0.080
0.0031
Bottom view
Exposed pad
Top view
Pin 1 ID
Pin 1 ID
ZF_ME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More