データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA08-600SWRG データシート(PDF) 5 Page - STMicroelectronics

部品番号 BTA08-600SWRG
部品情報  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08-600SWRG データシート(HTML) 5 Page - STMicroelectronics

  BTA08-600SWRG Datasheet HTML 1Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 2Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 3Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 4Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 5Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 6Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 7Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 8Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Figure 5. On-state characteristics (maximum values)
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
1
10
100
ITM(A)
VTM(V)
Tj max.
Vto = 0.85 V
Rd = 50 mΩ
Tj = Tj max.
Tj = 25 °C
Figure 6. Surge peak on-state current versus number of
cycles
0
10
20
30
40
50
60
70
80
90
1
10
100
1000
Number of cycles
I
TSM(A)
Non repetitive
Tj initial = 25 °C
Repetitive
TC = 110 °C
One cycle
t = 16.66 ms
Figure 7. Non repetitive surge peak on-state current for a
sinusoidal pulse (tp < 10 ms)
0.01
0.10
1.00
10.00
10
100
1000
t (ms)
p
T initial=25°C
j
ITSM
dI/dt limitation:
50A/µs
360°
α
ITSM(A)
Figure 8. Relative variation of gate trigger current
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
IGT,IH,IL[Tj] / IGT,IH,IL[Tj = 25 °C]
Tj (°C)
IH and IL
IGT
Holding current and latching current versus junction temperature (typical values)
Figure 9. Relative variation of critical rate of decrease of
main current versus (dV/dt)c (typical values)
0.1
1.0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
(dl/dt)c [(dV/dt)c / specified (dl/dt)c
(dV/dt)c (V/µs)
T810/SW
TW
T835/T850/CW/SW/BW
Snubberless and logic level types
Figure 10. Relative variation of critical rate of decrease of
main current versus (dV/dt)c (typical values)
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dl/dt)c [(dV/dt)c] / specified (dl/dt)c
(dV/dt)c (V/µs)
C
Standard types
B
BTA08, BTB08, T810, T835, T850
Characteristics (curves)
DS2114 - Rev 15
page 5/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21