データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA08-600SWRG データシート(PDF) 16 Page - STMicroelectronics

部品番号 BTA08-600SWRG
部品情報  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08-600SWRG データシート(HTML) 16 Page - STMicroelectronics

Back Button BTA08-600SWRG Datasheet HTML 12Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 13Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 14Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 15Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 16Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 17Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 18Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 19Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Figure 18. D²PAK recommended footprint (dimensions are in mm)
16.90
10.30
3.70
5.08
1.30
8.90
BTA08, BTB08, T810, T835, T850
D²PAK package information
DS2114 - Rev 15
page 16/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21