データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BTA08-600SWRG データシート(PDF) 10 Page - STMicroelectronics

部品番号 BTA08-600SWRG
部品情報  Snubberless™, logic level and standard 8 A Triacs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA08-600SWRG データシート(HTML) 10 Page - STMicroelectronics

Back Button BTA08-600SWRG Datasheet HTML 6Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 7Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 8Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 9Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 10Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 11Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 12Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 13Page - STMicroelectronics BTA08-600SWRG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2.2
IPAK package information
Figure 15. IPAK package outline
D
V1
A
c2
H
L
b2
A1
e1
e
b
c
L2
L1
E
b4
B5
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
BTA08, BTB08, T810, T835, T850
IPAK package information
DS2114 - Rev 15
page 10/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21