データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP7366EA データシート(PDF) 4 Page - Diodes Incorporated

部品番号 AP7366EA
部品情報  600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7366EA データシート(HTML) 4 Page - Diodes Incorporated

  AP7366EA Datasheet HTML 1Page - Diodes Incorporated AP7366EA Datasheet HTML 2Page - Diodes Incorporated AP7366EA Datasheet HTML 3Page - Diodes Incorporated AP7366EA Datasheet HTML 4Page - Diodes Incorporated AP7366EA Datasheet HTML 5Page - Diodes Incorporated AP7366EA Datasheet HTML 6Page - Diodes Incorporated AP7366EA Datasheet HTML 7Page - Diodes Incorporated AP7366EA Datasheet HTML 8Page - Diodes Incorporated AP7366EA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AP7366EA
Document number: DS43719 Rev. 1 - 2
4 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7366EA
Electrical Characteristics (@TA = +25°C, VIN = VOUT +1V, COUT = 1μF, CIN = 1μF, VEN = VIN, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VREF
ADJ Reference Voltage (Adjustable Version)
IOUT = 10mA
0.788
0.8
0.812
V
IADJ
ADJ Leakage (Adjustable Version)
0.1
0.5
μA
IQ
Input Quiescent Current
VEN = VIN, IOUT = 0mA
60
80
μA
VOUT
Output Voltage Accuracy
IOUT = 10mA
1.0V
≤ VOUT < 1.5V
VOUT -
0.015
VOUT
VOUT +
0.015
V
1.5V
≤ VOUT ≤ 3.9V
VOUT *
0.99
VOUT
VOUT *
1.01
%
ISHDN
Input Shutdown Current
VEN = 0V, IOUT = 0mA
-1.0
0.05
1.0
μA
VOUT
/
VIN/VOUT
Line Regulation
VIN = (VOUT +1V)
to 5.5V
IOUT = 10mA
TA = +25°C
0.01
0.1
%/V
-40°C
≤ TA ≤ +85°C
0.2
VOUT/VOUT Load Regulation
IOUT = 1mA to
600mA
1.2V < VOUT ≤ 3.9V
-1.0
+1.0
%
1.0V
≤ VOUT ≤ 1.2V
-1.5
+1.5
VDROPOUT
Dropout Voltage (Note 5)
VOUT = 1.0V, IOUT = 300mA
650
900
mV
VOUT = 1.2V, IOUT = 300mA
480
700
VOUT = 1.5V, IOUT = 300mA
200
340
VOUT = 1.8V, IOUT = 300mA
160
250
VOUT = 2.0V, IOUT = 300mA
140
200
VOUT = 2.5V, IOUT = 300mA
125
190
VOUT = 2.8V, IOUT = 300mA
115
180
VOUT = 3.0V, IOUT = 300mA
110
170
VOUT = 3.3V, IOUT = 300mA
105
160
VOUT = 3.6V, IOUT = 300mA
105
160
VOUT = 3.9V, IOUT = 300mA
100
150
VDROPOUT
Dropout Voltage (Note 5)
VOUT = 1.0V, IOUT = 600mA
850
1200
mV
VOUT = 1.2V, IOUT = 600mA
800
1000
VOUT = 1.5V, IOUT = 600mA
450
700
VOUT = 1.8V, IOUT = 600mA
320
420
VOUT = 2.0V, IOUT = 600mA
285
400
VOUT = 2.5V, IOUT = 600mA
250
380
VOUT = 2.8V, IOUT = 600mA
230
350
VOUT = 3.0V, IOUT = 600mA
220
330
VOUT = 3.3V, IOUT = 600mA
210
320
VOUT = 3.6V, IOUT = 600mA
210
320
VOUT = 3.9V, IOUT = 600mA
190
290
PSRR
PSRR (Note 6)
f = 1kHz, IOUT = 100mA
75
dB
f = 10kHz, IOUT = 100mA
55
dB
ISHORT
Short-Circuit Current
VIN = VOUT + 1V
Output Voltage < 15% of VOUT
250
mA
tST
Start-up Time
VOUT = 0V to 3.0V
RL = 30Ω
150
μs
ILIMIT
Current Limit
VIN = VOUT + 1V
0.66
1.0
A
VIL
EN Input Logic Low Voltage
VIN = VIN-Min to VIN-Max
0.3
V
VIH
EN Input Logic High Voltage
VIN = VIN-Min to VIN-Max
1.0
VIN
V
IEN
EN Input Leakage Current
VIN = 5.5V or VEN = 0V
-0.1
+0.1
μA
TSHDN
Thermal Shutdown Threshold
+150
°C
THYS
Thermal Shutdown Hysteresis
+20
°C
Notes:
5. Dropout voltage is the voltage difference between the input and the output at which the output voltage drops 2% below its nominal value. This parameter
only applies to input voltages above minimum VIN = 2.2V.
6. At VIN < 2.3V, the PSRR performance may be reduced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com