データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AP7366EA データシート(PDF) 1 Page - Diodes Incorporated

部品番号 AP7366EA
部品情報  600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7366EA データシート(HTML) 1 Page - Diodes Incorporated

  AP7366EA Datasheet HTML 1Page - Diodes Incorporated AP7366EA Datasheet HTML 2Page - Diodes Incorporated AP7366EA Datasheet HTML 3Page - Diodes Incorporated AP7366EA Datasheet HTML 4Page - Diodes Incorporated AP7366EA Datasheet HTML 5Page - Diodes Incorporated AP7366EA Datasheet HTML 6Page - Diodes Incorporated AP7366EA Datasheet HTML 7Page - Diodes Incorporated AP7366EA Datasheet HTML 8Page - Diodes Incorporated AP7366EA Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
AP7366EA
Document number: DS43719 Rev. 1 - 2
1 of 17
www.diodes.com
July 2022
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
AP7366EA
600mA, LOW QUIESCENT CURRENT
FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Description
The
DIODES™ AP7366EA is a 600mA, adjustable and fixed output
voltage, low dropout linear regulator. This device includes pass
element, error amplifier, band-gap, current limit and thermal shutdown
circuitry. The device is turned on when EN pin is set to logic high
level.
The characteristics of low dropout voltage and low quiescent current
make it suitable for low power applications such as battery powered
devices. The typical quiescent current is approximately 60
μA. Built-in
current-limit and thermal-shutdown functions prevent IC from damage
in fault conditions.
This device is available with adjustable output from 0.8V to 5.0V, and
fixed version with 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5V, 2.8V, 3.0V,
3.3V, 3.6V and 3.9V outputs. Please contact your local sales office for
other voltage options.
The AP7366EA is available in SOT25 and U-DFN2020-6 packages.
Features
600mA Low Dropout Regulator with EN
Low IQ: 60µA
Wide Input Voltage Range: 2.2V to 6V
Wide Adjustable Output: 0.8V to 5.0V
Fixed Output Options: 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5V, 2.8V,
3.0V, 3.3V, 3.6V, 3.9V
High PSRR: 75dB at 1kHz
Fast Start-up Time: 150µs
Stable with Low ESR, 1µF Ceramic Output Capacitor
Excellent Load/Line Transient Response
Low Dropout: 300mV at 600mA
Current Limit and Short Circuit Protection
Thermal Shutdown Protection
Ambient Temperature Range: -40°C to +85°C
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
SOT25 (Fixed Output)
IN
EN
OUT
(Top View )
5
3
2
1
GND
NC
4
IN
EN
ADJ
OUT
(Top View )
5
4
3
2
1
GND
SOT25 (ADJ Output)
NC
NC
OUT
GND
EN
IN
6
5
4
1
2
3
(Top View)
U-DFN2020-6 (Fixed Output)
ADJ
NC
OUT
GND
EN
IN
6
5
4
1
2
3
(Top View)
U-DFN2020-6 (ADJ Output)
Applications
Servers and notebook computers
Low and medium power applications
FPGA and DSP cores or I/O powers
Consumer electronics
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.


同様の部品番号 - AP7366EA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AP7366 DIODES-AP7366 Datasheet
500Kb / 2P
Low-Noise LDO Regulator with Selectable 0.5A/1A Output Current Optimized for Portable Applications
More results

同様の説明 - AP7366EA

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AP133 DIODES-AP133 Datasheet
970Kb / 14P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
AP133 Rev. 2
AP7335 DIODES-AP7335 Datasheet
237Kb / 18P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32259 Rev. 1 - 2
AP7365 DIODES-AP7365 Datasheet
327Kb / 21P
600mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
DS32260 Rev. 1 - 2
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7313 DIODES-AP7313 Datasheet
277Kb / 13P
150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7313 Rev. 2
AP7335A DIODES-AP7335A Datasheet
273Kb / 12P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev 3
AP7333 DIODES-AP7333 Datasheet
358Kb / 12P
300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
Rev 2
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com