データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK04832PAP/EM データシート(PDF) 71 Page - Texas Instruments

部品番号 LMK04832PAP/EM
部品情報  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM データシート(HTML) 71 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 67Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 68Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 69Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 70Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 72Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 73Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 74Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 102 page
background image
8.6.2.7.3 CLKin2_R
Table 8-59. CLKin2_R[13:0]
MSB
LSB
0x157[5:0] / CLKin2_R[13:8]
0x158[7:0] / CLKin2_R[7:0]
Table 8-60. Registers 0x157 and 0x158
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x157
7:6
NA
0
Reserved
0x157
5:0
CLKin2_R[13:8]
0
The value of PLL1 R counter when CLKin2 is selected.
Field Value
Divide Value
0 (0x00)
Reserved
1 (0x01)
1
0x158
7:0
CLKin2_R[7:0]
150
2 (0x02)
2
...
...
16382 (0x3FFE)
16382
16383 (0x3FFF)
16383
8.6.2.7.4 PLL1_N
Table 8-61. PLL1_N[13:0]
MSB
LSB
0x159[5:0] / PLL1_N[13:8]
0x15A[7:0] / PLL1_N[7:0]
These registers contain the N divider value for PLL1.
Table 8-62. Registers 0x159 and 0x15A
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x159
7:6
NA
0
Reserved
0x159
5:0
PLL1_N[13:8]
0
The value of PLL1 N counter.
Field Value
Divide Value
0 (0x00)
Not Valid
1 (0x01)
1
0x15A
7:0
PLL1_N[7:0]
120
2 (0x02)
2
...
...
4,095 (0xFFF)
4,095
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More