データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LMK04832PAP/EM データシート(PDF) 75 Page - Texas Instruments

部品番号 LMK04832PAP/EM
部品情報  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM データシート(HTML) 75 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 72Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 73Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 74Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 75Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 76Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 77Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 78Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 79Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 102 page
background image
8.6.2.8 (0x160 - 0x16E) PLL2 Configuration
8.6.2.8.1 PLL2_R
Table 8-68. PLL2_R[11:0]
MSB
LSB
0x160[3:0] / PLL2_R[11:8]
0x161[7:0] / PLL2_R[7:0]
This register contains the value of the PLL2 R divider.
Table 8-69. Registers 0x160 and 0x161
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x160
7:4
NA
0
Reserved
0x160
3:0
PLL2_R[11:8]
0
Valid values for the PLL2 R divider.
Field Value
Divide Value
0 (0x00)
Not Valid
1 (0x01)
1
0x161
7:0
PLL2_R[7:0]
2
2 (0x02)
2
3 (0x03)
3
...
...
4,094 (0xFFE)
4,094
4,095 (0xFFF)
4,095
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
75
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More