| データシートサーチシステム |
|
LMK04832PAP/EM データシート(PDF) 81 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMK04832PAP/EM データシート(HTML) 81 Page - Texas Instruments |
|
81 / 102 page ![]() 8.6.2.9 (0x16F - 0x555) Misc Registers 8.6.2.9.1 PLL2_PRE_PD, PLL2_PD, FIN0_PD Table 8-79. Register 0x173 BIT NAME POR DEFAULT DESCRIPTION 7 N/A 0 Reserved 6 PLL2_PRE_PD 1 Powerdown PLL2 prescaler 0: Normal Operation 1: Powerdown 5 PLL2_PD 1 Powerdown PLL2 0: Normal Operation 1: Powerdown 4 FIN0_PD 1 Powerdown FIN0 0: Normal Operation 1: Powerdown 3:0 N/A 0 Reserved 8.6.2.9.2 PLL1R_RST Refer to PLL1 R Divider Synchronization for more information on synchronizing PLL1 R divider. Table 8-80. Register 0x177 BIT NAME POR DEFAULT DESCRIPTION 7:6 NA 0 Reserved 5 PLL1R_RST 0 When set, PLL1 R divider will be held in reset. PLL1 will never lock with PLL1R_RST = 1. This bit is used in when synchronizing the PLL1 R divider. 0: PLL1 R divider normal operation. 1: PLL1 R divider held in reset. 4:0 NA 0 Reserved www.ti.com LMK04832-SEP SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 81 Product Folder Links: LMK04832-SEP |