データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCD1711DG データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TCD1711DG
部品情報  TOSHIBA CCD Linear Image Sensor CCD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD1711DG データシート(HTML) 4 Page - Toshiba Semiconductor

  TCD1711DG Datasheet HTML 1Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 2Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 3Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 4Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 5Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 6Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 7Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 8Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TCD1711DG
Rev.1.1 2019-03-27
3
© 2019
Toshiba Electronic Devices & Storage Corporation
Optical/Electrical Characteristics
Ta
 25°C, VOD  10 V, V  VSH  VRS  VCP  5 V (pulse), f  1.0 MHz,
tINT (integration time)
 10 ms, light source  daylight fluorescent lamp
Characteristics
Symbol
Min
Typ.
Max
Unit
Note
Sensitivity
R
12
15
18
V/lx
s
Photo response non uniformity
PRNU
4
10
%
(Note 2)
PRNU (3)
6
12
mV
(Note 8)
Saturation output voltage
VSAT
1.5
1.8
V
(Note 3)
Saturation exposure
SE
0.08
0.12
lx
s
(Note 4)
Dark signal voltage
VDRK
1
3
mV
(Note 5)
Dark signal non uniformity
DSNU
4
10
mV
(Note 5)
DC power dissipation
PD
250
375
mW
Total transfer efficiency
TTE
92
98
%
Output impedance
ZO
0.2
1.0
k
Dynamic range
DR
1800
(Note 6)
DC output signal voltage
VOS1
3.0
4.5
6.0
V
(Note 7)
VOS2
3.0
4.5
6.0
DC differential error voltage
│VOS1  VOS2│
300
mV
Random noise
ND
1.0
mV
(Note 9)
Note 2: PRNU is defined on a single chip by the expressions below when the photosensitive surface is applied with
the light of uniform illumination and uniform color temperature, where measured approximately 750 mV of
signal output.
PRNU
X
 100 (%)
X
Where X is average of total signal output and X is the maximum deviation from X under uniform
illumination. (OS1)
In the case of 3725 elements (OS2), the condition is the same as above too.
Note 3: VSAT is defined as the minimum saturation output voltage of all effective pixels.
Note 4: Definition of SE:
SE
VSAT
R
Note 5: VDRK is defined as average dark signal voltage of all effective pixels.
DSNU is defined by the difference between average value (VDRK) and the maximum value of the dark
voltage.
Note 6: Definition of DR:
DR
VSAT
VDRK
VDRK is proportional to tINT (integration time). So shorter integration time makes wider dynamic range.
OS
VDRK
DSNU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com