データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCD1711DG データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TCD1711DG
部品情報  TOSHIBA CCD Linear Image Sensor CCD
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD1711DG データシート(HTML) 2 Page - Toshiba Semiconductor

  TCD1711DG Datasheet HTML 1Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 2Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 3Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 4Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 5Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 6Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 7Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 8Page - Toshiba Semiconductor TCD1711DG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TCD1711DG
Rev.1.1 2019-03-27
1
© 2019
Toshiba Electronic Devices & Storage Corporation
TOSHIBA CCD Linear Image Sensor
CCD (Charge Coupled Device)
TCD1711DG
The TCD1711DG is a high sensitive and low dark current 7450
elements CCD linear image sensor.
The device contains a row of 7450 elements photodiodes which
provide 24 lines/mm across a A3 size paper. The device is operated
by 5.0 V pulse and 10 V power supply.
Features
 Number of Image Sensing Elements: 7450 elements
 Image Sensing Element Size: 4.7 m by 4.7 m on 4.7 m center
 Photo Sensing Region: High sensitive PN photodiode
 Clock: 2-phase (5 V)
 Power Supply Voltage: 10 V (typ.)
 Internal Circuit: Clamp circuit
 Package: 22 pin CERDIP
ABSOLUTE MAXIMUM RATINGS (Note 1)
Characteristics
Symbol
Rating
Unit
Clock pulse voltage
V
0.3 to +8.0
V
Shift pulse voltage
VSH
Reset pulse voltage
VRS
Clamp pulse voltage
VCP
Power supply voltage
VOD
0.3 to +15.0
Operating temperature
Topr
0 to 60
°C
Storage temperature
Tstg
25 to +85
°C
Note 1:
All voltages are with respect to SS terminals (ground).
None of the ABSOLUTE MAXIMUM RATINGS must be exceeded,
even instantaneously.
If any one of the ABSOLUTE MAXIMUM RATINGS is exceeded,
the electrical characteristics, reliability and life time of the device
cannot be guaranteed. If the ABSOLUTE MAXIMUM RATINGS are
exceeded, the device can be permanently damaged or degraded.
Create a system design in such a manner that any of the
ABSOLUTE MAXIMUM RATINGS will not be exceeded under any
circumstances.
WDIP22-G-400-2.54E
Pin Connections (top view)
OS2
22
SS
CP
1E2
2E2
21
20
19
18
17
16
OS1
1
2
3
4
5
6
7
OD
RS
2B
2O2
SS
2E1
1E1
15
14
13
12
8
9
10
11
SS
2O1
1O1
NC
SH
1
7450
2B
1O2
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com