データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCD2711DG データシート(PDF) 4 Page - Toshiba Semiconductor

部品番号 TCD2711DG
部品情報  TOSHIBA CCD Linear Image Sensor CCD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2711DG データシート(HTML) 4 Page - Toshiba Semiconductor

  TCD2711DG Datasheet HTML 1Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 2Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 3Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 4Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 5Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 6Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 7Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 8Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TCD2711DG
Rev.1.3 2019-01-15
3
© 2017
Toshiba Electronic Devices & Storage Corporation
Pin Names
Pin No.
Symbol
Name
Pin No.
Symbol
Name
1
OS6
Output signal 6 (Red(Even))
68
OS3
Output signal 3 (Green(Odd))
2
OS5
Output signal 5 (Red(Odd))
67
OS4
Output signal 4 (Green(Even))
3
OD
Power supply
66
OD
Power supply
4
SS
Ground
65
OS2
Output signal 2 (Blue(Even))
5
OD
Power supply
64
OS1
Output signal 1 (Blue(Odd))
6
NC
Non connection
63
OD
Power supply
7
NC
Non connection
62
CP
Clamp gate
8
NC
Non connection
61
RS
Reset gate
9
NC
Non connection
60
2B
Last stage transfer clock (phase 2)
10
NC
Non connection
59
SS
Ground
11
NC
Non connection
58
1A1
Transfer clock 1 (phase 1)
12
NC
Non connection
57
SS
Ground
13
NC
Non connection
56
2A1
Transfer clock 1 (phase 2)
14
NC
Non connection
55
SS
Ground
15
NC
Non connection
54
NC
Non connection
16
NC
Non connection
53
NC
Non connection
17
NC
Non connection
52
NC
Non connection
18
NC
Non connection
51
OD
Power supply
19
NC
Non connection
50
SS
Ground
20
NC
Non connection
49
2A2
Transfer clock 2 (phase 2)
21
NC
Non connection
48
2A3
Transfer clock 3 (phase 2)
22
NC
Non connection
47
SS
Ground
23
NC
Non connection
46
1A2
Transfer clock 2 (phase 1)
24
NC
Non connection
45
1A3
Transfer clock 3 (phase 1)
25
NC
Non connection
44
SS
Ground
26
NC
Non connection
43
1A4
Transfer clock 4 (phase 1)
27
NC
Non connection
42
1A5
Transfer clock 5 (phase 1)
28
NC
Non connection
41
2A4
Transfer clock 4 (phase 2)
29
NC
Non connection
40
2A5
Transfer clock 5 (phase 2)
30
NC
Non connection
39
OD
Power supply
31
NC
Non connection
38
TG
Transfer gate
32
NC
Non connection
37
SH
Shift gate
33
NC
Non connection
36
SS
Ground
34
NC
Non connection
35
NC
Non connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com