データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCD2711DG データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 TCD2711DG
部品情報  TOSHIBA CCD Linear Image Sensor CCD
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2711DG データシート(HTML) 2 Page - Toshiba Semiconductor

  TCD2711DG Datasheet HTML 1Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 2Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 3Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 4Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 5Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 6Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 7Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 8Page - Toshiba Semiconductor TCD2711DG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
TCD2711DG
Rev.1.3 2019-01-15
1
© 2017
Toshiba Electronic Devices & Storage Corporation
TOSHIBA CCD Linear Image Sensor
CCD (Charge Coupled Device)
TCD2711DG
The TCD2711DG is a high sensitive and low dark current 7500
elements
 3 lines output CCD color linear image sensor.
The device contains a row of 7500 elements
 3 lines photodiodes
which provide 24 lines/mm across a A3 size paper. The device is
operated by 5.0 V pulse and 10 V power supply.
Features
 Number of Image Sensing Elements: 7500 elements  3 lines
 Image Sensing Element Size: 9.325 μm by 9.325 μm on 9.325 μm
center
 Photo Sensing Region: High sensitive PN photodiode
 Clock: 2-phase (5 V)
 Power Supply Voltage: 10 V (typ.)
 Distance between Photodiode Array: 18.65 m (2 lines) R array  G array, G array  B array
 Internal Circuit: Clamp circuit
 Package: 68 pin CERDIP
 Color Filter: Red, Green, Blue
ABSOLUTE MAXIMUM RATINGS (Note 1)
Characteristics
Symbol
Rating
Unit
Clock pulse voltage
V
A
0.3 to +8.0
V
Last stage clock pulse voltage
V
B
Shift pulse voltage
VSH
Reset pulse voltage
VRS
Clamp pulse voltage
VCP
Transfer pulse voltage
VTG
Power supply voltage
VOD
0.3 to +13.5
V
Operating temperature
Topr
0 to 60
°C
Storage temperature
Tstg
25 to +85
°C
Note 1:
All voltages are with respect to SS terminals (ground).
None of the ABSOLUTE MAXIMUM RATINGS must be exceeded,
even instantaneously.
If any one of the ABSOLUTE MAXIMUM RATINGS is exceeded,
the electrical characteristics, reliability and life time of the device
cannot be guaranteed. If the ABSOLUTE MAXIMUM RATINGS are
exceeded, the device can be permanently damaged or degraded.
Create a system design in such a manner that any of the
ABSOLUTE MAXIMUM RATINGS will not be exceeded under any
circumstances.
WDIP68-G-400A
Pin Connections (top view)
OS6
OS5
OD
SS
OD
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
OS3
OS4
OD
OS2
OS1
OD
CP
RS
2B
SS
1A1
SS
2A1
SS
NC
NC
NC
OD
SS
2A2
2A3
SS
1A2
1A3
SS
1A4
1A5
2A4
2A5
OD
TG
SH
SS
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com