データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TCD2919BFG データシート(PDF) 9 Page - Toshiba Semiconductor

部品番号 TCD2919BFG
部品情報  TOSHIBA CCD Linear Image Sensor CCD
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCD2919BFG データシート(HTML) 9 Page - Toshiba Semiconductor

Back Button TCD2919BFG Datasheet HTML 5Page - Toshiba Semiconductor TCD2919BFG Datasheet HTML 6Page - Toshiba Semiconductor TCD2919BFG Datasheet HTML 7Page - Toshiba Semiconductor TCD2919BFG Datasheet HTML 8Page - Toshiba Semiconductor TCD2919BFG Datasheet HTML 9Page - Toshiba Semiconductor TCD2919BFG Datasheet HTML 10Page - Toshiba Semiconductor TCD2919BFG Datasheet HTML 11Page - Toshiba Semiconductor TCD2919BFG Datasheet HTML 12Page - Toshiba Semiconductor TCD2919BFG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
TCD2919BFG
Rev.1.5 2019-01-08
8
© 2017
Toshiba Electronic Devices & Storage Corporation
Note 9: PD is defined as follows. IOD is DC current dissipation.
PD VOD × IOD
Measurement condition is VOD 10.5 V and input pulse voltage  5.5 V.
Note 10: DC output signal voltage is defined as follows.
Reset noise voltage is defined as follows.
Note 11: Random noise is defined as the standard deviation (sigma) of the output level difference between two
adjacent effective pixels under no illumination (i.e. dark condition) calculated by the following procedure.
CP pulse width: 50 ns
1)
Two adjacent pixels (pixel n and n
1) in one reading are fixed as measurement points.
2)
Each of the output levels at video output periods averaged over 200 ns period to get V(n) and V(n
1).
3)
V(n
1) is subtracted from V(n) to get V.
V  V(n)  V(n1)
4)
The standard deviation of
V is calculated after procedure 2) and 3) are repeated 30 times (30
readings).
30
1
i
ΔVi
30
1
ΔV
30
1
i
2
V
|
Vi
|
30
1
5)
Procedure 2), 3) and 4) are repeated 10 times to get sigma value.
6)
10 sigma values are averaged.
10
1
j
j
10
1
7)
 value calculated using the above procedure is observed
2
times larger than that measured
relative to the ground level. So we specify the random noise as follows.
ND
 
2
1
SS
VOS
VRSN
OS
Output waveform
(effective pixels under
dark condition)
Video output
200 ns
200 ns
Pixel n
Pixel n
1
V
Video output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com