| データシートサーチシステム |
|
DRA821U4...ALM データシート(PDF) 52 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM データシート(HTML) 52 Page - Texas Instruments |
|
52 / 252 page ![]() 6.3.3 GPIO 6.3.3.1 MAIN Domain Table 6-5. GPIO0 Signal Descriptions SIGNAL NAME [1] DESCRIPTION [2] PIN TYPE [3] BALL [4] GPIO0_0 General Purpose Input/Output IO U6 GPIO0_1 General Purpose Input/Output IO T19 GPIO0_2 General Purpose Input/Output IO AA17 GPIO0_3 General Purpose Input/Output IO Y15 GPIO0_4 General Purpose Input/Output IO AA20 GPIO0_5 General Purpose Input/Output IO Y17 GPIO0_6 General Purpose Input/Output IO Y16 GPIO0_7 General Purpose Input/Output IO V17 GPIO0_8 General Purpose Input/Output IO AA19 GPIO0_9 General Purpose Input/Output IO V18 GPIO0_10 General Purpose Input/Output IO V20 GPIO0_11 General Purpose Input/Output IO W21 GPIO0_12 General Purpose Input/Output IO V16 GPIO0_13 General Purpose Input/Output IO Y18 GPIO0_14 General Purpose Input/Output IO Y19 GPIO0_15 General Purpose Input/Output IO Y21 GPIO0_16 General Purpose Input/Output IO W16 GPIO0_17 General Purpose Input/Output IO W15 GPIO0_18 General Purpose Input/Output IO Y20 GPIO0_19 General Purpose Input/Output IO V21 GPIO0_20 General Purpose Input/Output IO V19 GPIO0_21 General Purpose Input/Output IO T13 GPIO0_22 General Purpose Input/Output IO U14 GPIO0_23 General Purpose Input/Output IO U16 GPIO0_24 General Purpose Input/Output IO U15 GPIO0_25 General Purpose Input/Output IO T15 GPIO0_26 General Purpose Input/Output IO U19 GPIO0_27 General Purpose Input/Output IO T14 GPIO0_28 General Purpose Input/Output IO U18 GPIO0_29 General Purpose Input/Output IO U17 GPIO0_30 General Purpose Input/Output IO U20 GPIO0_31 General Purpose Input/Output IO Y14 GPIO0_32 General Purpose Input/Output IO Y13 GPIO0_33 General Purpose Input/Output IO AA15 GPIO0_34 General Purpose Input/Output IO AA14 GPIO0_35 General Purpose Input/Output IO AA18 GPIO0_36 General Purpose Input/Output IO AA16 GPIO0_37 General Purpose Input/Output IO W17 GPIO0_38 General Purpose Input/Output IO W20 GPIO0_39 General Purpose Input/Output IO V14 GPIO0_40 General Purpose Input/Output IO V13 GPIO0_41 General Purpose Input/Output IO U12 DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 www.ti.com 52 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: DRA821U-Q1 |