| データシートサーチシステム |
|
DRA821U4...ALM データシート(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM データシート(HTML) 13 Page - Texas Instruments |
|
13 / 252 page ![]() Table 6-1. Pin Attributes (continued) BALL NUMBER [1] BALL NAME [2] SIGNAL NAME [3] MUX MODE [4] TYPE [5] BALL RESET STATE [6] BALL RESET REL. MUX MODE [7] I/O VOLTAGE VALUE [8] POWER [9] HYS [10] BUFFER TYPE [11] PULL UP/DOWN TYPE [12] DSIS [13] RX ACTIVE/ TX DISABLE [14] IO RET [15] D2 DDR0_DQ9 DDR0_DQ9 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR F2 DDR0_DQ10 DDR0_DQ10 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR E3 DDR0_DQ11 DDR0_DQ11 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR F3 DDR0_DQ12 DDR0_DQ12 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR F4 DDR0_DQ13 DDR0_DQ13 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR D4 DDR0_DQ14 DDR0_DQ14 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR F5 DDR0_DQ15 DDR0_DQ15 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR K4 DDR0_DQ16 DDR0_DQ16 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR L4 DDR0_DQ17 DDR0_DQ17 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR M4 DDR0_DQ18 DDR0_DQ18 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR L3 DDR0_DQ19 DDR0_DQ19 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR L2 DDR0_DQ20 DDR0_DQ20 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR L1 DDR0_DQ21 DDR0_DQ21 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR M3 DDR0_DQ22 DDR0_DQ22 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR N2 DDR0_DQ23 DDR0_DQ23 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR R3 DDR0_DQ24 DDR0_DQ24 IO 1.1 V VDDS_DDR, VDDS_DDR_C, VDDS_DDR_BIAS DDR www.ti.com DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 Copyright © 2022 Texas Instruments Incorporated Submit Document Feedback 13 Product Folder Links: DRA821U-Q1 |