データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DRA821U4...ALM データシート(PDF) 86 Page - Texas Instruments

部品番号 DRA821U4...ALM
部品情報  DRA821 Jacinto™ Processors
PDF  252 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DRA821U4...ALM データシート(HTML) 86 Page - Texas Instruments

Back Button DRA821U4...ALM Datasheet HTML 82Page - Texas Instruments DRA821U4...ALM Datasheet HTML 83Page - Texas Instruments DRA821U4...ALM Datasheet HTML 84Page - Texas Instruments DRA821U4...ALM Datasheet HTML 85Page - Texas Instruments DRA821U4...ALM Datasheet HTML 86Page - Texas Instruments DRA821U4...ALM Datasheet HTML 87Page - Texas Instruments DRA821U4...ALM Datasheet HTML 88Page - Texas Instruments DRA821U4...ALM Datasheet HTML 89Page - Texas Instruments DRA821U4...ALM Datasheet HTML 90Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 252 page
background image
Table 6-106. Pin Multiplexing (continued)
ADDR
ESS
OFFSE
T
REGISTER
NAME
BALL
NUMB
ER
MUXMODE[15:0] SETTINGS
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
Bootstrap
0x1C09
C
PADCONFIG_39
V13
UART2_TX
D
RGMII2_T
D3
RMII2_RX_
ER
GPIO0_40
SPI6_D0
UART2_TX
D
MCASP2_
AFSX
0x1C09
C
WKUP_PADCON
FIG_39
D9
MCU_MDI
O0_MDC
WKUP_GP
IO0_55
0x1C0
A0
WKUP_PADCON
FIG_40
C13
MCU_SPI0
_CLK
WKUP_GP
IO0_56
MCU_BOO
TMODE00
0x1C0
A0
PADCONFIG_40
U12
RGMII2_T
X_CTL
RMII2_TXD
0
GPIO0_41
SPI6_D1
UART4_RX
D
MCASP2_
ACLKX
GPMC0_A
13
0x1C0
A4
WKUP_PADCON
FIG_41
A20
MCU_SPI0
_D0
WKUP_GP
IO0_57
MCU_BOO
TMODE01
0x1C0
A4
PADCONFIG_41
W14
UART8_RX
D
I2C4_SCL
MDIO0_M
DIO
GPIO0_42
TRC_DATA
22
UART8_RX
D
MCASP2_
AFSR
MCASP2_
AXR4
0x1C0
A8
WKUP_PADCON
FIG_42
B17
MCU_SPI0
_D1
MCU_TIME
R_IO0
WKUP_GP
IO0_58
MCU_BOO
TMODE02
0x1C0
A8
PADCONFIG_42
W19
UART8_TX
D
SPI1_CS3
I2C4_SDA
MDIO0_M
DC
GPIO0_43
TRC_DATA
23
UART8_TX
D
MCASP2_
ACLKR
MCASP2_
AXR5
0x1C0
AC
WKUP_PADCON
FIG_43
A19
MCU_SPI0
_CS0
MCU_TIME
R_IO1
WKUP_GP
IO0_59
0x1C0
AC
PADCONFIG_43
U13
GPMC0_C
LK
USB0_DR
VVBUS
RGMII4_R
D3
GPIO0_44
SPI0_CS3
UART9_RX
D
0x1C0
B0
WKUP_PADCON
FIG_44
B14
WKUP_UA
RT0_RXD
WKUP_GP
IO0_60
0x1C0
B0
PADCONFIG_44
T16
UART0_RX
D
RGMII4_T
XC
GPIO0_47
GPMC0_W
AIT0
0x1C0
B4
PADCONFIG_45
T17
UART0_TX
D
RGMII4_T
D2
GPIO0_48
GPMC0_W
En
0x1C0
B4
WKUP_PADCON
FIG_45
A14
WKUP_UA
RT0_TXD
WKUP_GP
IO0_61
0x1C0
B8
PADCONFIG_46
T18
UART1_RX
D
MCAN17_T
X
TIMER_IO
6
RGMII4_T
D3
GPIO0_49
GPMC0_O
En_REn
0x1C0
B8
WKUP_PADCON
FIG_46
A16
MCU_MCA
N0_TX
WKUP_GP
IO0_62
0x1C0
BC
PADCONFIG_47
T20
UART1_TX
D
MCAN17_
RX
TIMER_IO
7
RGMII4_T
X_CTL
GPIO0_50
GPMC0_C
Sn0
0x1C0
BC
WKUP_PADCON
FIG_47
A17
MCU_MCA
N0_RX
WKUP_GP
IO0_63
0x1C0
C0
PADCONFIG_48
W3
SPI0_CS0
UART0_CT
Sn
GPIO0_51
0x1C0
C0
WKUP_PADCON
FIG_48
B18
MCU_SPI1
_CLK
MCU_SPI1
_CLK
WKUP_GP
IO0_0
MCU_BOO
TMODE03
0x1C0
C4
PADCONFIG_49
U5
SPI0_CS1
CPTS0_TS
_COMP
UART0_RT
Sn
GPIO0_52
0x1C0
C4
WKUP_PADCON
FIG_49
B19
MCU_SPI1
_D0
MCU_SPI1
_D0
WKUP_GP
IO0_1
MCU_BOO
TMODE04
0x1C0
C8
PADCONFIG_50
Y1
SPI0_CLK
UART1_CT
Sn
I2C2_SCL
GPIO0_53
DRA821U-Q1
SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022
www.ti.com
86
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRA821U-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More