| データシートサーチシステム |
|
DRA821U4...ALM データシート(PDF) 176 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA821U4...ALM データシート(HTML) 176 Page - Texas Instruments |
|
176 / 252 page ![]() GPMC_FCLK GPMC_CLK GPMC_CSn[i] GPMC_BE0n_CLE GPMC_BE1n GPMC_ADVn_ALE GPMC_OEn_REn GPMC_WAIT[j] Address (MSB) Valid Valid Address (LSB) Data IN Data IN FA0 FA9 FA10 FA3 FA13 FA29 FA1 FA37 FA12 FA4 FA10 FA0 FA5 GPMC_A[27:17] GPMC_AD[15:0] GPMC_10 A. In GPMC_CSn[i], i is equal to 0, 1, 2 or 3. In GPMC_WAIT[j], j is equal to 0 or 1. B. FA5 parameter illustrates amount of time required to internally sample input data. It is expressed in number of GPMC functional clock cycles. From start of read cycle and after FA5 functional clock cycles, input data will be internally sampled by active functional clock edge. FA5 value must be stored inside AccessTime register bits field. C. GPMC_FCLK is an internal clock (GPMC functional clock) not provided externally. Figure 7-66. GPMC and Multiplexed NOR Flash — Asynchronous Read — Single Word DRA821U-Q1 SPRSP57D – APRIL 2020 – REVISED DECEMBER 2022 www.ti.com 176 Submit Document Feedback Copyright © 2022 Texas Instruments Incorporated Product Folder Links: DRA821U-Q1 |